PART |
Description |
Maker |
SM15A |
Rat IgG2a Negative Control - Azide Free
|
List of Unclassifed Manufacturers ETC[ETC]
|
PAT0816 PAT1632-C-3DB-1 PAT1632-C-3DB-5 PAT1632-C- |
PAT series, RAT series, high-precision chip attenuators
|
http:// List of Unclassifed Manufacturers ETC
|
PJ7912CI PJ7912CZ PJ7925CZ PJ7900 PJ7900CI PJ7900C |
-12V Negative output voltage regulators -18V Negative output voltage regulators -9V Negative output voltage regulators -8V Negative output voltage regulators -6V Negative output voltage regulators -5V Negative output voltage regulators 15 V FIXED NEGATIVE REGULATOR, PSFM3 Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:4; Connector Shell Size:32; Connecting Termination:Solder; Body Style:Straight; Circular Contact Gender:Socket; Gender:Female 三端负输出电压调节器 GT 4C 4#8 SKT RECP 三端负输出电压调节器 GT 3C 3#12 SKT RECP LINE 三端负输出电压调节器 3-Terminal Negative Output Voltage Regulators 三端负输出电压调节器 From old datasheet system
|
Electronic Theatre Controls, Inc. HIROSE ELECTRIC Co., Ltd. Promax-Johnton ETC[ETC] List of Unclassifed Manufacturers
|
TA79L06F TA79L09F TA79L12F TA79L24F TA79L05F TA79L |
Three-Terminal Negative Voltage Regulators -6V Three-Terminal Negative Voltage Regulators -9V Three-Terminal Negative Voltage Regulators -12V Three-Terminal Negative Voltage Regulators -24V Three-Terminal Negative Voltage Regulators -5V Three-Terminal Negative Voltage Regulators -8V Three-Terminal Negative Voltage Regulators -20V Three-Terminal Negative Voltage Regulators -15V Three-Terminal Negative Voltage Regulators -18V Three-Terminal Negative Voltage Regulators -10V
|
TOSHIBA
|
NCP370 NCP370MUAITXG |
Positive and Negative Overvoltage Protection with Internal Low RON N-MOSFETs and Reverse Charge Control Pin
|
ON Semiconductor
|
LM120AG-12 IP7912K-883B IP7912AIG-DESC IP7915AIG-D |
Negative Fixed Voltage Regulator 1.5 AMP NEGATIVE VOLTAGE REGULATOR 15 V FIXED NEGATIVE REGULATOR, CBCC3 Voltage Regulator 电压调节 1.5 AMP NEGATIVE VOLTAGE REGULATOR 12 V FIXED NEGATIVE REGULATOR, CDIP8 A-30069-10A2 No Drain 10Ckt Gold Voltage Regulator - Isolated
|
Infineon Technologies AG Xicon Passive Components TT electronics Semelab, Ltd.
|
LT1175 LT1175C LT1175CN8 LT1175CN8-5 LT1175CQ LT11 |
Quadruple 2-Line To 1-Line Data Selectors/Multiplexers With 3-State Outputs 16-SOIC 0 to 70 5 V FIXED NEGATIVE LDO REGULATOR, 0.5 V DROPOUT, PDIP8 500mA Negative Low Dropout Micropower Regulator 5 V FIXED NEGATIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO4 From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
AN79M52F AN79M00 AN79M00F AN79M05 AN79M05F AN79M06 |
3-pin Negative Output Voltage Regulators 500mA Type 7 V FIXED NEGATIVE REGULATOR, PSFM3 3-pin Negative Output Voltage Regulators 500mA Type 8 V FIXED NEGATIVE REGULATOR, PSFM3 MOSFET; Transistor Polarity:P Channel; Drain Source Voltage, Vds:-55V; Continuous Drain Current, Id:60A; On-Resistance, Rds(on):0.0175ohm; Rds(on) Test Voltage, Vgs:-10V; Package/Case:5-D2-PAK; Leaded Process Compatible:No RoHS Compliant: No
|
Panasonic, Corp. Panasonic Corporation PANASONIC[Panasonic Semiconductor]
|
MC7905CT MC7906CT MC79XXCT MC7924CT MC7908CT MC790 |
IC VREG 24 V FIXED NEGATIVE REGULATOR, PSFM3, TO-220, 3 PIN, Fixed Negative Single Output Standard Regulator 3-Terminal Fixed Negative Voltage Regulators IC VREG 9 V FIXED NEGATIVE REGULATOR, PSFM3, TO-220, 3 PIN, Fixed Negative Single Output Standard Regulator
|
VISAY[Vishay Siliconix] Vishay Semiconductors
|
IP120H-05 IP7905H IP7905AH LM120H-05-BSS2 IP120H-0 |
5 VOLT NEGATIVE VOLTAGE REGULATOR Analog IC 5 V FIXED NEGATIVE REGULATOR, MBCY3
|
Seme LAB SEMELAB LTD
|
MSK5332-10D MSK5332-5.0ES MSK5332-15U MSK5332-15HT |
NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR 负,3安培,低压差稳压 NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR 5 V FIXED NEGATIVE LDO REGULATOR, 1.2 V DROPOUT, PSIP3 NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR 5 V FIXED NEGATIVE LDO REGULATOR, 1.3 V DROPOUT, PSFM3 NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR 5 V FIXED NEGATIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3 NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR 5.2 V FIXED NEGATIVE LDO REGULATOR, 1.2 V DROPOUT, PSSO3 NEGATIVE, 3 AMP, LOW DROPOUT VOLTAGE REGULATOR 5.2 V FIXED NEGATIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3
|
M.S. Kennedy, Corp. MS KENNEDY CORP
|
OM7634NM OM7633NM OM7632NM |
Hi-Rel Fixed Voltage 3-Terminal Negative Regulator HERMETIC SURFACE MOUNT FIXED VOLTAGE NEGATIVE REGULATORS
|
International Rectifier ETC List of Unclassifed Manufacturers
|